Part Number Hot Search : 
00TTS LR120 SOT533 KIA70 IRSF3031 BR305 HSK277 ZFMG07A2
Product Description
Full Text Search
 

To Download 7017X21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7017X Series Surface Mount LEDs 0603 Package Size
DESCRIPTION AND FEATURES
.063 .011 LED DIE CATHODE MARKS .031
Surface Mount Technology * Tape and reel packaged for high-speed autoinsertion. * Convection and vapor-phase reflow compatible. * Compact form enables high density placement. * Packaged 4000 pieces per reel. Leading Edge LED Optoelectronic Performance * Consistent high brightness.
.048 .043 .028
Exceptional Reliability * Stringent process controls assure quality. * Extensive qualification testing to meet strictest requirements. * Designed to permit easy post-reflow solder joint inspection. * Solderpad geometry on page 1-X1.
.008 .012 POLARITY MARK ANODE (+) CATHODE (-) .012
All dimensions in inches.
ELECTRO-OPTICAL CHARACTERISTICS AND RATINGS
7017X7 7017X33 7017X1 7017X5 7017X21 7017X13 7017X15 7017X23 7017X3 P AR T NUMB E R Y ellow/G reen Y ellow R ed G reen G reen Y ellow R ed Orange Orange Output C olor Diffused Diffused Diffused Diffused Diffused Diffused Diffused Diffused Diffused Diffusion White C lear C lear C lear C lear C lear C lear White White P ackage C olor 20 20 20 20 20 20 20 20 20 T est C urrent (mA) 1.7 1.9 2.1 2.1 2.2 1.9 2.1 2.2 1.9 F orward Voltage Typ. (V) 2.3 2.8 2.4 2.8 2.4 2.8 2.8 2.4 2.8 F orward V oltage Max. (V ) 7.0 16 3.8 7.0 16 16 1.4 2.0 2.0 Luminous Intensity Min. (mcd) 6.4 11.7 11.7 65 50 65 3.4 2.4 3.4 Luminous Intensity T yp. (mcd) Luminous Intensity Max. (mcd) 660 592 560 570 P eak Wavelength (nm) 609 555 580 630 605 70 70 70 70 70 70 70 70 70 Viewing Angle 20 1/2 (degrees) 57.5 81 70 70 70 P ower Dissipation (mW) 70 70 81 81 Operating Temperature (C ) -40 to +85 -40 to +85 -30 to +85 -30 to +85 -30 to +85 -30 to +85 -30 to +85 -30 to +85 -40 to +85 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 S torage T emperature (C ) 100 60 60 60 P eak Forward C urrent Max. (1s @ 10% duty cycle) (mA) 60 100 60 60 100 4 4 4 5 R everse V oltage (IR =100A) (V ) 5 4 5 4 4 5 5 5 5 Lead S older T ime @ 260C 5 5 5 5 5
America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com
Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com
Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product
7017X Series Surface Mount LEDs 0603 Package Size


▲Up To Search▲   

 
Price & Availability of 7017X21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X